Electronic Components Datasheet Search
  English  ▼

X  

IR3899 Datasheet(PDF) 41 Page - International Rectifier

Part # IR3899
Description  9A HIGHLY INTEGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3899 Datasheet(HTML) 41 Page - International Rectifier

Back Button IR3899 Datasheet HTML 35Page - International Rectifier IR3899 Datasheet HTML 36Page - International Rectifier IR3899 Datasheet HTML 37Page - International Rectifier IR3899 Datasheet HTML 38Page - International Rectifier IR3899 Datasheet HTML 39Page - International Rectifier IR3899 Datasheet HTML 40Page - International Rectifier IR3899 Datasheet HTML 41Page - International Rectifier IR3899 Datasheet HTML 42Page - International Rectifier IR3899 Datasheet HTML 43Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
- 41 -
August 08, 2012 |DATA SHEET | 3.4
41
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
SOLDER RESIST 
 IR recommends that the larger Power or Land 
Area pads are Solder Mask Defined (SMD.)  
This allows the underlying Copper traces to be as 
large as possible, which helps in terms of current 
carrying capability and device cooling capability. 
 When using SMD pads, the underlying copper 
traces should be at least 0.05mm larger (on each 
edge) than the Solder Mask window, in order to 
accommodate any layer to layer misalignment. 
(i.e. 0.1mm in X & Y.) 
 However, for the smaller Signal type leads around 
the edge of the device, IR recommends that these 
are Non Solder Mask Defined or Copper Defined. 
 When using NSMD pads, the Solder Resist 
Window should be larger than the Copper Pad  
by at least 0.025mm on each edge, (i.e. 0.05mm  
in X&Y,) in order to accommodate any layer to 
layer misalignment. 
 Ensure that the solder resist in‐between the 
smaller signal lead areas are at least 0.15mm 
wide, due to the high x/y aspect ratio of the  
solder mask strip.  
Figure 49: Solder resist 
 
 
 
 
 
 
 
 
 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com