Electronic Components Datasheet Search
  English  ▼

X  

IR3899 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3899
Description  9A HIGHLY INTEGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3899 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3899 Datasheet HTML 9Page - International Rectifier IR3899 Datasheet HTML 10Page - International Rectifier IR3899 Datasheet HTML 11Page - International Rectifier IR3899 Datasheet HTML 12Page - International Rectifier IR3899 Datasheet HTML 13Page - International Rectifier IR3899 Datasheet HTML 14Page - International Rectifier IR3899 Datasheet HTML 15Page - International Rectifier IR3899 Datasheet HTML 16Page - International Rectifier IR3899 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
- 13 -
August 08, 2012 |DATA SHEET | 3.4
13
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
THERMAL DERATING CURVES 
Measurement done on Evaluation board of IRDC3899.PCB is 4 layer board with 2 oz Copper, FR4 material, size 2.23"x2" 
 
PVin = 12V, Vout=1.2V, Vcc = Internal LDO (6.4V), Fs = 600kHz 
8
8.5
9
9.5
10
10.5
25
30
35
40
45
50
55
60
65
70
75
80
85
Tamb(ºC)
0 LFM
200 LFM
Lout-0.51uH,0.29mΩ(Vitec 59PR9876N)
 
PVin = 12V, Vout=3.3V, Vcc = Internal LDO (6.4V), Fs = 600kHz 
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
25
30
35
40
45
50
55
60
65
70
75
80
85
Tamb(ºC)
0 LFM
200 LFM
Lout-1.2uH,2.9mΩ(Delta MPL105-1R2)
 
Note: International Rectifier Corporation specifies current rating of SupIRBuck devices conservatively. The continuous current
load capability might be higher than the rating of the device if input voltage is 12V typical and switching frequency is below 750
kHz.The above derating curves are generated at 12V input ,600kHz with 0-200LFM air flow and ambient temperature up to
85°C.Detailed thermal derating information can be found in the Application Note AN-1174 “Thermal Derating of DC-DC
Convertors using IR3899/98/97”. However, the maximum current is limited by the internal current limit and designers need to
consider enough guard bands between load current and minimum current limit to guarantee that the device does not trip at
steady state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com