Electronic Components Datasheet Search
  English  ▼

X  

1N5822U Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1N5822U
Description  Aerospace 40 V power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5822U Datasheet(HTML) 1 Page - STMicroelectronics

  1N5822U Datasheet HTML 1Page - STMicroelectronics 1N5822U Datasheet HTML 2Page - STMicroelectronics 1N5822U Datasheet HTML 3Page - STMicroelectronics 1N5822U Datasheet HTML 4Page - STMicroelectronics 1N5822U Datasheet HTML 5Page - STMicroelectronics 1N5822U Datasheet HTML 6Page - STMicroelectronics 1N5822U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2011
Doc ID 16007 Rev 2
1/7
7
1N5822U
Aerospace 40 V power Schottky rectifier
Features
■ Aerospace applications
■ Surface mount hermetic package
■ High thermal conductivity materials
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop
■ Package weight: 0.18 g
■ Target radiation qualification
– 150 krad (Si) low dose rate
– 3 Mrad (Si) high dose rate
■ ESCC qualified
Description
This power Schottky rectifier is designed and
packaged to comply with the ESCC5000
specification for aerospace products. It is housed
in a surface mount hermetically sealed LCC2B
package whose footprint is 100% compatible with
industry standard solutions in D5B.
The 1N5822U is suitable for switching mode
power supplies and high frequency DC to DC
converters such as low voltage high frequency
inverter, free wheeling or polarity protection.
A
K
K
A
LCC2B
Table 1.
Device summary(1)
1.
Contact ST sales office for information about the specific conditions for products in die form and gold plated versions.
Order code
ESCC detailed
specification
Quality level
Lead finish
EPPL
IF(AV)
VRRM
Tj(max)
VF (max)
1N5822UB1
-
Engineering
model
Gold plated
-
3 A
40 V
150 °C
0.47 V
1N5822U02B
5106/020/02
Flight part
Solder dip
Y
www.st.com


Similar Part No. - 1N5822U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5822US CDI-DIODE-1N5822US Datasheet
39Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5822US MICROSEMI-1N5822US Datasheet
46Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
1N5822US MICROSEMI-1N5822US Datasheet
1Mb / 8P
3 Amp SQ-MELF Schottky Barrier Rectifiers
Rev. 1
More results

Similar Description - 1N5822U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250 Datasheet
48Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250 ONSEMI-MBR40250_06 Datasheet
111Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBR40250 ONSEMI-MBR40250_11 Datasheet
117Kb / 7P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
STMicroelectronics
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
logo
STMicroelectronics
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com