Electronic Components Datasheet Search
  English  ▼

X  

1N5822U Datasheet(PDF) 5 Page - STMicroelectronics

Part # 1N5822U
Description  Aerospace 40 V power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5822U Datasheet(HTML) 5 Page - STMicroelectronics

  1N5822U Datasheet HTML 1Page - STMicroelectronics 1N5822U Datasheet HTML 2Page - STMicroelectronics 1N5822U Datasheet HTML 3Page - STMicroelectronics 1N5822U Datasheet HTML 4Page - STMicroelectronics 1N5822U Datasheet HTML 5Page - STMicroelectronics 1N5822U Datasheet HTML 6Page - STMicroelectronics 1N5822U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N5822U
Package information
Doc ID 16007 Rev 2
5/7
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
Leadless chip carrier 2 (LCC2B) package dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ. Max.
Min.
Typ.
Max.
A(1)
1.
Measurement prior to solder coating the mounting pads on bottom of package
2.04
2.23
2.42
0.080
0.088
0.095
B
5.27
5.4
5.6
0.207
0.213
0.220
C
3.49
3.62
3.82
0.137
0.143
0.150
D
1.71
1.90
2.09
0.067
0.075
0.082
E
0.48
-
0.71
0.019
-
0.028
F-
1.4
-
-
0.055
-
G
-
3.32
-
-
0.131
-
H
-
1.82
-
-
0.072
-
I
-
0.15
-
-
0.006
-
r1
-
0.15
-
-
0.006
-
r2
-
0.20
-
-
0.008
-
Note 1: The anode is identified by metallization in two top internal angles and the index mark.
Pin 2 Cathode
Pin 1 Anode
2
1
2
1
r2
r1
G
I
H
E
E
Note 1
Note 1
Note 1
F
D
A
B
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com