Electronic Components Datasheet Search
  English  ▼

X  

STPS20100HR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS20100HR
Description  Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100HR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPS20100HR Datasheet HTML 2Page - STMicroelectronics STPS20100HR Datasheet HTML 3Page - STMicroelectronics STPS20100HR Datasheet HTML 4Page - STMicroelectronics STPS20100HR Datasheet HTML 5Page - STMicroelectronics STPS20100HR Datasheet HTML 6Page - STMicroelectronics STPS20100HR Datasheet HTML 7Page - STMicroelectronics STPS20100HR Datasheet HTML 8Page - STMicroelectronics STPS20100HR Datasheet HTML 9Page - STMicroelectronics STPS20100HR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ordering Information
STPS20100HR
8/10
Doc ID 16953 Rev 1
4
Ordering Information
Table 8.
Ordering information
Order code
ESCC detailed
specification
Package
Lead finish
Marking
EPPL
Mass
(g)
Packing
STPS20100S1
-
SMD.5
Gold
STPS20100S1
-
2.0
Waffle
pack
STPS20100SHRB
5106/016/05
Gold
510601605
-
STPS20100FSYHRB
5106/016/01
TO-254
Solder dip
510601601 + BeO
-
10.0
STPS20100AFSY1
-
Gold
STPS20100AFSY1
+ BeO
-
STPS20100AFSYHRB
5106/016/02
Solder dip
510601602 + BeO
Y
STPS20100CFSY1
-
Gold
STPS20100CFSY1
+ BeO
-
STPS20100CFSYHRB
5106/016/03
Solder dip
510601603 + BeO
Y
STPS20100SFSYHRB
5106/016/04
Solder dip
510601604 + BeO
Y



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com