Electronic Components Datasheet Search
  English  ▼

X  

STPS20100HR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20100HR
Description  Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100HR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20100HR Datasheet HTML 1Page - STMicroelectronics STPS20100HR Datasheet HTML 2Page - STMicroelectronics STPS20100HR Datasheet HTML 3Page - STMicroelectronics STPS20100HR Datasheet HTML 4Page - STMicroelectronics STPS20100HR Datasheet HTML 5Page - STMicroelectronics STPS20100HR Datasheet HTML 6Page - STMicroelectronics STPS20100HR Datasheet HTML 7Page - STMicroelectronics STPS20100HR Datasheet HTML 8Page - STMicroelectronics STPS20100HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Configurations
STPS20100HR
4/10
Doc ID 16953 Rev 1
2
Configurations
Figure 1.
Available device configurations
1
2
3
1
2
3
2
1
3
2
1
3
1
3
Variant 01
STPS20100FSYHRB
Variant 02
STPS20100AFSY1
STPS20100AFSYHRB
Variant 03
STPS20100CFSY1
STPS20100CFSYHRB
Variant 04
STPS20100SFSYHRB
Variant 05
STPS20100S1
STPS20100SHRB
Terminal 1:
Terminal 2:
Terminal 3:
Cathode
No connection
Anode
Terminal 1:
Terminal 2:
Terminal 3:
Terminal 1:
Terminal 2:
Terminal 3:
Terminal 1:
Terminal 2:
Terminal 3:
Terminal 1:
Terminal 2:
Terminal 3:
For TO-254 the case is not connected to any lead
For SMD.5 the lid is not connected to any terminal
Cathode a
Common anode
Cathode b
Anode a
Common cathode
Anode b
Anode a
Center tap
Cathode b
Anode
Anode
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com