Electronic Components Datasheet Search
  English  ▼

X  

STPS20100HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20100HR
Description  Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100HR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20100HR Datasheet HTML 1Page - STMicroelectronics STPS20100HR Datasheet HTML 2Page - STMicroelectronics STPS20100HR Datasheet HTML 3Page - STMicroelectronics STPS20100HR Datasheet HTML 4Page - STMicroelectronics STPS20100HR Datasheet HTML 5Page - STMicroelectronics STPS20100HR Datasheet HTML 6Page - STMicroelectronics STPS20100HR Datasheet HTML 7Page - STMicroelectronics STPS20100HR Datasheet HTML 8Page - STMicroelectronics STPS20100HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2010
Doc ID 16953 Rev 1
1/10
10
STPS20100HR
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
Features
■ Forward current: 1 x 20 and 2 x 20 A
■ Repetitive peak voltage: 100 V
■ Low forward voltage drop: 0.8 V
■ Maximum junction temperature: 175 °C
■ Negligible switching losses
■ Low capacitance
■ High reverse avalanche surge capability
■ Hermetic packages
■ Target radiation qualification:
– 150 krad (Si) low dose rate
– 1 Mrad high dose rate
■ ESCC qualified
Description
This power Schottky rectifier is designed and
packaged to comply with the ESCC5000
specification for aerospace products. Housed in
hermetically sealed packages both surface mount
and through hole, it is ideal for use in applications
for aerospace and other harsh environments.
The STPS20100HR is intended for use in medium
voltage application and particularly, in high
frequency circuits where low switching losses and
low noise are required.
TO-254
SMD.5
Table 1.
Device summary
Order code
ESCC detailed
specification
Quality level
Configuration
Package
Mass
EPPL
STPS20100S1
-
Engineering
model
Single die
SMD.5
2.0 g
-
STPS20100SHRB
5106/016/05
ESCC flight
-
STPS20100FSYHRB
5106/016/01
ESCC flight
Single die
TO-254
10.0 g
-
STPS20100AFSY1
-
Engineering
model
Double die,
common anode
-
STPS20100AFSYHRB
5106/016/02
ESCC flight
Y
STPS20100CFSY1
-
Engineering
model
Double die,
common cathode
-
STPS20100CFSYHRB
5106/016/03
ESCC flight
Y
STPS20100SFSYHRB
5106/016/04
ESCC flight
Double die, serial
Y
www.st.com


Similar Part No. - STPS20100HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20100 STMICROELECTRONICS-STPS20100 Datasheet
180Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
STPS20100 STMICROELECTRONICS-STPS20100 Datasheet
186Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
STPS20100CT STMICROELECTRONICS-STPS20100CT Datasheet
180Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
logo
Inchange Semiconductor ...
STPS20100CT ISC-STPS20100CT Datasheet
295Kb / 2P
High Voltage Power Schottky Rectifier
logo
SUNMATE electronic Co.,...
STPS20100CT SUNMATE-STPS20100CT Datasheet
623Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - STPS20100HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40L15CTSPBF VISHAY-40L15CTSPBF_10 Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
15-Mar-10
47CTQ020PBF VISHAY-47CTQ020PBF_12 Datasheet
163Kb / 7P
Schottky Rectifier, 2 x 20 A
29-Aug-11
MBR40L15CWPBF VISHAY-MBR40L15CWPBF_12 Datasheet
176Kb / 7P
Schottky Rectifier, 2 x 20 A
30-Aug-11
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
logo
Vishay Siliconix
40CTQ045SPBF VISHAY-40CTQ045SPBF_13 Datasheet
168Kb / 8P
Schottky Rectifier, 2 x 20 A
15-Mar-10
VS-40L15CTPBF VISHAY-VS-40L15CTPBF_15 Datasheet
111Kb / 8P
Schottky Rectifier, 2 x 20 A
29-Aug-11
VS-47CTQ020PBF VISHAY-VS-47CTQ020PBF_15 Datasheet
112Kb / 6P
Schottky Rectifier, 2 x 20 A
29-Aug-11
VS-40L4CWPBF VISHAY-VS-40L4CWPBF Datasheet
129Kb / 7P
Schottky Rectifier, 2 x 20 A
11-Oct-11
VS-48CTQ060PBF VISHAY-VS-48CTQ060PBF_V01 Datasheet
132Kb / 7P
Schottky Rectifier, 2 x 20 A
29-Aug-11
VS-40L15CTPBF VISHAY-VS-40L15CTPBF_V01 Datasheet
131Kb / 7P
Schottky Rectifier, 2 x 20 A
29-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com