Electronic Components Datasheet Search
  English  ▼

X  

STPS20100HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20100HR
Description  Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20100HR Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20100HR Datasheet HTML 1Page - STMicroelectronics STPS20100HR Datasheet HTML 2Page - STMicroelectronics STPS20100HR Datasheet HTML 3Page - STMicroelectronics STPS20100HR Datasheet HTML 4Page - STMicroelectronics STPS20100HR Datasheet HTML 5Page - STMicroelectronics STPS20100HR Datasheet HTML 6Page - STMicroelectronics STPS20100HR Datasheet HTML 7Page - STMicroelectronics STPS20100HR Datasheet HTML 8Page - STMicroelectronics STPS20100HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS20100HR
Characteristics
Doc ID 16953 Rev 1
3/10
s
Table 4.
Electrical measurements at ambiant temperature (per diode), Tamb = 22 ±3 °C
Symbol
Characteristic
MIL-STD-750
test method
Test conditions
Values
Units
Min.
Max.
IR
Reverse Current
4016
DC method, VR = 100 V
-
30
µA
VF1
(1)
Forward Voltage
4011
Pulse method, IF = 10 A
-
780
mV
V
F2
(1)
Pulse method, IF = 20 A
-
1
V
C
Capacitance
4001
VR = 10 V, F = 1 MHz
-
700
pF
Z
th(j-c)
Relative thermal impedance,
junction to case
3101
IH = 15 to 40 A, tH = 50 ms
IM = 50 mA, tmd = 100 µs
Calculate
ΔVF
°C/W
1.
Pulse width
≤ 680µs, Duty Cycle ≤ 2%
Table 5.
Electrical measurements at high and low temperatures (per diode)
Symbol
Characteristic
MIL-STD-750
test method
Test conditions
Values
Units
Min.
Max.
I
R
Reverse Current
4016
Tcase = +125 (+0, -5) °C
DC method, VR = 100 V
-20
mA
V
F2
(1)
Forward Voltage
4011
Tcase = +125 (+0, -5) °C
pulse method, IF = 20 A
-900
mV
Tcase = -55 (+5, -0) °C
pulse method, IF = 20 A
-1.1
V
1.
Pulse width
≤ 680µs, Duty Cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com