Electronic Components Datasheet Search
  English  ▼

X  

STRH40N6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STRH40N6
Description  Rad-Hard N-channel 60 V, 30 A Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STRH40N6 Datasheet HTML 6Page - STMicroelectronics STRH40N6 Datasheet HTML 7Page - STMicroelectronics STRH40N6 Datasheet HTML 8Page - STMicroelectronics STRH40N6 Datasheet HTML 9Page - STMicroelectronics STRH40N6 Datasheet HTML 10Page - STMicroelectronics STRH40N6 Datasheet HTML 11Page - STMicroelectronics STRH40N6 Datasheet HTML 12Page - STMicroelectronics STRH40N6 Datasheet HTML 13Page - STMicroelectronics STRH40N6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical characteristics (curves)
STRH40N6
10/16
Doc ID 18351 Rev 5
4
Electrical characteristics (curves)
Figure 4.
Safe operating area
Figure 5.
Thermal impedance
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
ID
60
40
20
0
0
10
VDS(V)
(A)
5
15
80
100
120
VGS=5V
VGS=6V
VGS=7V
VGS=8V
VGS=10V
HV33010
ID
10
1
3.5
VGS(V)
(A)
4.5
5.5
6.5
100
Tj= -55 °C
Tj= +25 °C
Tj= +150 °C
AM07252v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
30
8
20
10
VDD=30 V
Ig=1.3 mA
40
50
ID=10 A
ID=20 A
ID=40 A
12
HV33020
C
100
10
0.1
10
VDS(V)
(pF)
1
1000
Ciss
Coss
Crss
HV33030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com