Electronic Components Datasheet Search
  English  ▼

X  

STRH40N6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STRH40N6
Description  Rad-Hard N-channel 60 V, 30 A Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N6 Datasheet(HTML) 3 Page - STMicroelectronics

  STRH40N6 Datasheet HTML 1Page - STMicroelectronics STRH40N6 Datasheet HTML 2Page - STMicroelectronics STRH40N6 Datasheet HTML 3Page - STMicroelectronics STRH40N6 Datasheet HTML 4Page - STMicroelectronics STRH40N6 Datasheet HTML 5Page - STMicroelectronics STRH40N6 Datasheet HTML 6Page - STMicroelectronics STRH40N6 Datasheet HTML 7Page - STMicroelectronics STRH40N6 Datasheet HTML 8Page - STMicroelectronics STRH40N6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STRH40N6
Electrical ratings
Doc ID 18351 Rev 5
3/16
1
Electrical ratings
(TC= 25 °C unless otherwise specified)
Table 2.
Absolute maximum ratings (pre-irradiation)
Symbol
Parameter
Value
Unit
VDS
(1)
1.
This rating is guaranteed @ TJ ≥ 25 °C (see Figure 10: Normalized BVDSS vs temperature).
Drain-source voltage (VGS = 0)
60
V
VGS
(2)
2.
This value is guaranteed over the full range of temperature.
Gate-source voltage
±20
V
ID
(3)
3.
Rated according to the Rthj-case + Rthc-s
Drain current (continuous) at TC= 25°C
30
A
ID
(3)
Drain current (continuous) at TC= 100°C
19
A
IDM
(4)
4.
Pulse width limited by safe operating area
Drain current (pulsed)
120
A
PTOT
(5)
5.
Rated according to the Rthj-case
Total dissipation at TC= 25°C
75
W
PTOT
(3)
Total dissipation at TC= 25°C
66
W
dv/dt (6)
6.
ISD 40 A, di/dt 1060 A/µs, VDD = 80 %V(BR)DSS
Peak diode recovery voltage slope
2.5
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.67
°C/W
Rthc-s
Case-to-sink
0.21
°C/W
Rthj-amb(1)
1.
When mounted on heat sink of 300 mm², t < 10 sec
Thermal resistance junction -amb
50
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
15
A
EAS
(1)
Single pulse avalanche energy
(starting Tj= 25°C, Id= 20 A, Vdd= 40 V)
354
mJ
EAS
Single pulse avalanche energy
(starting Tj= 110 °C, Id= 20 A, Vdd= 40 V)
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com