Electronic Components Datasheet Search
  English  ▼

X  

STRH100N10 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STRH100N10 Datasheet HTML 3Page - STMicroelectronics STRH100N10 Datasheet HTML 4Page - STMicroelectronics STRH100N10 Datasheet HTML 5Page - STMicroelectronics STRH100N10 Datasheet HTML 6Page - STMicroelectronics STRH100N10 Datasheet HTML 7Page - STMicroelectronics STRH100N10 Datasheet HTML 8Page - STMicroelectronics STRH100N10 Datasheet HTML 9Page - STMicroelectronics STRH100N10 Datasheet HTML 10Page - STMicroelectronics STRH100N10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STRH100N10
Radiation characteristics
Doc ID 17486 Rev 6
7/17
3
Radiation characteristics
The technology of the STMicroelectronics rad-hard Power MOSFETs is extremely resistant
to radiative environments. Every manufacturing lot is tested for total ionizing dose
(irradiation done according to the ESCC 22900 specification, window 1) using the TO-3
package. Both pre-irradiation and post-irradiation performances are tested and specified
using the same circuitry and test conditions in order to provide a direct comparison.
(Tamb= 22 ± 3 °C unless otherwise specified).
Total dose radiation (TID) testing
One bias conditions using the TO-3 package:
–VGS bias: + 15 V applied and VDS= 0 V during irradiation
The following parameters are measured (see
Table 9, Table 10 and Table 11):
●
before irradiation
●
after irradiation
●
after 24 hrs @ room temperature
●
after 240 hrs @ 100 °C anneal
Table 9.
Post-irradiation on/off states @ TJ= 25 °C, (Co60
γ rays 70 K Rad(Si))
Symbol
Parameter
Test conditions
Drift values
∆ Unit
IDSS
Zero gate voltage drain current
(VGS = 0)
80% BVDss
+4
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
VGS = -20 V
15
-15
nA
BVDSS
Drain-to-source breakdown
voltage
VGS = 0, ID = 1 mA
-25%
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
-50% / + 5%
V
RDS(on)
Static drain-source on resistance
VGS = 10 V; ID = 36 A
±10%
Ω
Table 10.
Dynamic post-irradiation @ TJ= 25 °C, (Co60
γ rays 70 K Rad(Si)) (1)
1.
Post irradiation data guaranteed at 25°C per ESCC 22900 specification.
Symbol
Parameter
Test conditions
Drift values
∆ Unit
Qg
Total gate charge
IG = 1 mA, VGS = 12 V,
VDS = 50 V, IDS = 40 A
-5% / +50%
nC
Qgs
Gate-source charge
±35%
Qgd
Gate-drain charge
-5% / +130%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com