Electronic Components Datasheet Search
  English  ▼

X  

STRH100N10 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STRH100N10 Datasheet HTML 9Page - STMicroelectronics STRH100N10 Datasheet HTML 10Page - STMicroelectronics STRH100N10 Datasheet HTML 11Page - STMicroelectronics STRH100N10 Datasheet HTML 12Page - STMicroelectronics STRH100N10 Datasheet HTML 13Page - STMicroelectronics STRH100N10 Datasheet HTML 14Page - STMicroelectronics STRH100N10 Datasheet HTML 15Page - STMicroelectronics STRH100N10 Datasheet HTML 16Page - STMicroelectronics STRH100N10 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STRH100N10
16/17
Doc ID 17486 Rev 6
8
Revision history
Table 15.
Document revision history
Date
Revision
Changes
13-May-2010
1
First release.
14-Jun-2010
2
Updated
Table 1: Device summary.
18-Oct-2010
3
Updated
Table 1, 5, 9 and 14.
23-Dec-2010
4
Updated
Figure 2: Single event effect, SOA. and TO-254AA
mechanical data.
25-Jul-2011
5
Updated part numbers in
Table 1: Device summary and Table 14:
Ordering information.
Minor text changes to improve readability.
09-Nov-2011
6
Updated dynamic values on
Table 6: Pre-irradiation dynamic,
Table 7: Switching times (pre-irradiation) and Table 8: Source drain
diode (pre-irradiation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com