Electronic Components Datasheet Search
  English  ▼

X  

STRH100N10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 5 Page - STMicroelectronics

  STRH100N10 Datasheet HTML 1Page - STMicroelectronics STRH100N10 Datasheet HTML 2Page - STMicroelectronics STRH100N10 Datasheet HTML 3Page - STMicroelectronics STRH100N10 Datasheet HTML 4Page - STMicroelectronics STRH100N10 Datasheet HTML 5Page - STMicroelectronics STRH100N10 Datasheet HTML 6Page - STMicroelectronics STRH100N10 Datasheet HTML 7Page - STMicroelectronics STRH100N10 Datasheet HTML 8Page - STMicroelectronics STRH100N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STRH100N10
Electrical characteristics
Doc ID 17486 Rev 6
5/17
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Pre-irradiation
Table 5.
Pre-irradiation on/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain
current (VGS = 0)
80% BVDss
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
VGS = -20 V
-100
100
nA
nA
BVDSS
(1)
1.
This rating is guaranteed @ TJ ≥ 25 °C (see Figure 10: Normalized BVDSS vs temperature).
Drain-to-source breakdown
voltage
VGS = 0, ID = 1 mA
100
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
2
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 12 V; ID = 24 A
0.030
0.035
Ω
Table 6.
Pre-irradiation dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
(1)
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VGS = 0, VDS = 25 V,
f=1 MHz
3940
543
190
4925
679
237
5910
814
284
pF
pF
pF
Coss eq.
(1)
1.
This value is guaranteed over the full range of temperature.
Equivalent output
capacitance (2)
2.
This value is defined as the ratio between the Qoss and the voltage value applied.
VGS = 0, VDD = 80 V
480
pF
Qg
Qgs
Qgd
Total gate charge
Gate-to-source charge
Gate-to-drain (“Miller”)
charge
VDD = 50 V, ID = 48 A,
VGS=12 V
108
21
36
135
27
45
162
33
54
nC
nC
nC
RG
(3)
3.
Not tested, guaranteed by process.
Gate input resistance
f=1MHz gate DC bias=0
test signal level=20mV
open drain
1.2
1.7
2
Ω
LG
Gate inductance
4.5
nH
LS
Source inductance
7.5
nH
LD
Drain inductance
7.5
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com