Electronic Components Datasheet Search
  English  ▼

X  

TD350E Datasheet(PDF) 6 Page - STMicroelectronics

Part # TD350E
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TD350E Datasheet HTML 2Page - STMicroelectronics TD350E Datasheet HTML 3Page - STMicroelectronics TD350E Datasheet HTML 4Page - STMicroelectronics TD350E Datasheet HTML 5Page - STMicroelectronics TD350E Datasheet HTML 6Page - STMicroelectronics TD350E Datasheet HTML 7Page - STMicroelectronics TD350E Datasheet HTML 8Page - STMicroelectronics TD350E Datasheet HTML 9Page - STMicroelectronics TD350E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
TD350E
6/17
Doc ID 018539 Rev 2
4
Electrical characteristics
TA = -20 to 125 °C, VH=16 V, VL= -10 V (unless otherwise specified)
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
tonmin
Minimum pulse width
100
135
220
ns
Iinp
IN input current
1
μA
Voltage reference (1)
Vref
Voltage reference
T=25°C
Tmin<T<Tmax
4.85
4.77
5.00
5.15
5.22
V
V
Iref
Maximum output current
10
mA
Desaturation protection
Vdes
Desaturation threshold
6.5
7.2
7.9
V
Ides
Source current
250
μA
Fault output
tfault
Delay for fault detection
500
ns
VFL
FAULT low voltage
IFLsink=10mA
1
V
Clamp
Vtclamp
CLAMP pin voltage threshold
2.0
V
VCL
Clamp low voltage
T=25°C; ICLsink=500mA
Tmin<T<Tmax; ICLsink=500mA
VL+2.5
VL+3.0
V
V
Off delay
Vtdel
Voltage threshold
2.35
2.50
2.65
V
Rdel
Discharge resistor
I=1mA
500
Ω
Off levels
Iblvoff
LVOFF peak input current (sink)
LVOFF=12V
120
200
μA
Violv
Offset voltage
LVOFF=12V
-0.3
-0.15
0
V
Outputs
VOL1
Output low voltage at Iosink=20mA
VL+0.35
V
VOL2
Output low voltage at Iosink=200mA
T=25°C
Tmin<T<Tmax
VL+1.0
VL+1.5
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com