Electronic Components Datasheet Search
  English  ▼

X  

TD350E Datasheet(PDF) 7 Page - STMicroelectronics

Part # TD350E
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TD350E Datasheet HTML 3Page - STMicroelectronics TD350E Datasheet HTML 4Page - STMicroelectronics TD350E Datasheet HTML 5Page - STMicroelectronics TD350E Datasheet HTML 6Page - STMicroelectronics TD350E Datasheet HTML 7Page - STMicroelectronics TD350E Datasheet HTML 8Page - STMicroelectronics TD350E Datasheet HTML 9Page - STMicroelectronics TD350E Datasheet HTML 10Page - STMicroelectronics TD350E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TD350E
Electrical characteristics
Doc ID 018539 Rev 2
7/17
VOL3
Output low voltage at Iosink=500mA
T=25°C
Tmin<T<Tmax
VL+2.5
VL+3.0
V
V
VOH1
Output high voltage 1
Iosource=20 mA
VH-2.5
V
VOH2
Output high voltage 2
Iosource=200 mA
VH-3.0
V
VOH3
Output high voltage 3
Iosource=500 mA
VH-4.0
V
tr
Rise time
CL=1nF, 10% to 90%
VL=0
VL=-10V
130
175
ns
ns
tf
Fall time (2)
CL=1nF, 90% to 10%
VL=0
VL=-10V
75
90
ns
ns
tpd_on
Turn-on propagation delay
10% output change;
T=25°C
400
500
600
ns
10% output change;
Tmin<T<Tmax
350
650
ns
tpd_off
Turn-off propagation delay
10% output change;
T=25°C
350
450
570
ns
10% output change;
Tmin<T<Tmax
300
620
ns
Δtw
Input to output pulse distortion
10% output change
25
50
120
ns
Undervoltage lockout (UVLO)
UVLOH
UVLO top threshold
10
11
12
V
UVLOL
UVLO bottom threshold
9
10
11
V
Vhyst
UVLO hysteresis
UVLOH-UVLOL
0.5
1
V
Supply current
Iin
Quiescent current
Output=0 V, no load
5
mA
1.
Recommended capacitor range on VREF pin is 10 nF to 100 nF.
2.
2-step turn-off disabled
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com