Electronic Components Datasheet Search
  English  ▼

X  

TD350E Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD350E
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350E Datasheet(HTML) 1 Page - STMicroelectronics

  TD350E Datasheet HTML 1Page - STMicroelectronics TD350E Datasheet HTML 2Page - STMicroelectronics TD350E Datasheet HTML 3Page - STMicroelectronics TD350E Datasheet HTML 4Page - STMicroelectronics TD350E Datasheet HTML 5Page - STMicroelectronics TD350E Datasheet HTML 6Page - STMicroelectronics TD350E Datasheet HTML 7Page - STMicroelectronics TD350E Datasheet HTML 8Page - STMicroelectronics TD350E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2011
Doc ID 018539 Rev 2
1/17
17
TD350E
Advanced IGBT/MOSFET driver
Features
1.5 A source/2.3 A sink (typ) gate drive
Active Miller clamp feature
Two-level turn-off with adjustable level and
delay
Desaturation detection
Fault status output
Negative gate drive capability
Input compatible with pulse transformer or
optocoupler
Separate sink and source outputs for easy gate
driving
UVLO protection
2 kV ESD protection (HBM)
Applications
1200 V, 3-phase inverters
Motor control
UPS systems
Description
This device is an advanced gate driver for IGBTs
and power MOSFETs. Control and protection
functions are included and allow the design of
high reliability systems.
The innovative active Miller clamp function
eliminates the need for negative gate drive in
most applications and allows the use of a simple
bootstrap supply for the high side driver.
The device includes a two-level turn-off feature
with adjustable level and delay. This function
protects against excessive overvoltage at turn-off
in case of overcurrent or short-circuit conditions.
The same delay set in the two-level turn-off
feature is applied at turn-on to prevent pulse width
distortion.
The device also includes IGBT desaturation
protection and a FAULT status output, and is
compatible with both pulse transformer and
optocoupler signals.
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
TD350E
-40, +125 °C
SO-14
Tube
TD350ETR
Tape and reel
www.st.com


Similar Part No. - TD350E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD350 STMICROELECTRONICS-TD350 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
logo
Topstek Inc.
TD350A TOPSTEK-TD350A Datasheet
98Kb / 2P
Topstek Current Transducers
logo
STMicroelectronics
TD350ID STMICROELECTRONICS-TD350ID Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD350ID STMICROELECTRONICS-TD350ID Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
More results

Similar Description - TD350E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
Advanced IGBT/MOSFET Driver
Dec-2004
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
IGBT MOSFET DRIVER
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
Advanced IGBT/MOSFET driver
28-Apr-2010
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
16-Jun-2011
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
Advanced IGBT/MOSFET driver
13-Jun-2011
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
Advanced IGBT/MOSFET driver
June 2011 Rev 2
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com