Electronic Components Datasheet Search
  English  ▼

X  

TD350E Datasheet(PDF) 4 Page - STMicroelectronics

Part # TD350E
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350E Datasheet(HTML) 4 Page - STMicroelectronics

  TD350E Datasheet HTML 1Page - STMicroelectronics TD350E Datasheet HTML 2Page - STMicroelectronics TD350E Datasheet HTML 3Page - STMicroelectronics TD350E Datasheet HTML 4Page - STMicroelectronics TD350E Datasheet HTML 5Page - STMicroelectronics TD350E Datasheet HTML 6Page - STMicroelectronics TD350E Datasheet HTML 7Page - STMicroelectronics TD350E Datasheet HTML 8Page - STMicroelectronics TD350E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin connections
TD350E
4/17
Doc ID 018539 Rev 2
2
Pin connections
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Name
Pin number
Type
Function
IN
1
Analog input
Input
VREF
2
Analog output
+5 V reference voltage
FAULT
3
Digital output
Fault status output
NC
4
Not connected
COFF
5
Timing capacitor
Turn-off delay
NC
6
Not connected
LVOFF
7
Analog input
Turn off level
GND
8
Power supply
Signal ground
CLAMP
9
Analog output
Miller clamp
VL
10
Power supply
Negative supply
OUTL
11
Analog output
Gate drive output (sink)
OUTH
12
Analog output
Gate drive output (source)
VH
13
Power supply
Positive supply
DESAT
14
Analog input
Desaturation protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com