Electronic Components Datasheet Search
  English  ▼

X  

CXD3513 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXD3513
Description  Interface and Driver IC for LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3513 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXD3513 Datasheet HTML 9Page - Sony Corporation CXD3513 Datasheet HTML 10Page - Sony Corporation CXD3513 Datasheet HTML 11Page - Sony Corporation CXD3513 Datasheet HTML 12Page - Sony Corporation CXD3513 Datasheet HTML 13Page - Sony Corporation CXD3513 Datasheet HTML 14Page - Sony Corporation CXD3513 Datasheet HTML 15Page - Sony Corporation CXD3513 Datasheet HTML 16Page - Sony Corporation CXD3513 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
– 13 –
CXD3513GG
Power-off Sequence (Standby)
• When LCD is off, LCD is turned off after entire white display.
∗1 HST1, XHST1, HST2, XHST2, HCK1, XHCK1, HCK2, XHCK2, VST, XVST, VCK, XVCK, ENB, XENB,
OE1, XOE1, OE2, XOE2, TESTO, (FRP)
VDD1
±10ms
0
VDD2
0
PCI
PCO
VDD1
DATA
Vsync
DENB
Pulse∗1
High
High
Low
Low
VDD2
Standby Mode
3 fields
10 fields
Low
Low
Low
Low
Valid
Active
MCK
Hsync
DATA (in)
Low
Active
All Data: High (XDATA: Low)
SLIN
This is a selector switch for sync input signal mode.
SLIN: Low
→ Hsync + Vsync Mode.
SLIN: High
→ DENB ONLY Mode. (Vsync is invalid.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com