Electronic Components Datasheet Search
  English  ▼

X  

CXD3513 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD3513
Description  Interface and Driver IC for LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3513 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD3513 Datasheet HTML 2Page - Sony Corporation CXD3513 Datasheet HTML 3Page - Sony Corporation CXD3513 Datasheet HTML 4Page - Sony Corporation CXD3513 Datasheet HTML 5Page - Sony Corporation CXD3513 Datasheet HTML 6Page - Sony Corporation CXD3513 Datasheet HTML 7Page - Sony Corporation CXD3513 Datasheet HTML 8Page - Sony Corporation CXD3513 Datasheet HTML 9Page - Sony Corporation CXD3513 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
– 6 –
CXD3513GG
B7
C7
D9
A8
B8
C8
D10
A9
B9
C9
C11
D11
A10
B10
B12
C12
D12
A11
F12
F11
E12
E11
B4
D3
F4
B2
D2
D7
A4
C5
D6
B6
A6
A5
C6
B5
F3
XB12
XB02
XG32
XG22
XG12
XG02
XR32
XR22
XR12
XR02
B32
B22
B12
B02
G32
G22
G12
G02
R32
R22
R12
R02
VSS2
VSS2
VSS2
VDD2
VDD2
VDD2
LEDIO1
LEDIO2
LEDSTB
LEDVRS
LEDIRF
LEDC1
LEDC0
LEDVRF
V0
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
—
—
—
—
—
—
O
O
I
I
O
I
I
I
O
B12 signal inversion output
B02 signal inversion output
G32 signal inversion output
G22 signal inversion output
G12 signal inversion output
G02 signal inversion output
R32 signal inversion output
R22 signal inversion output
R12 signal inversion output
R02 signal inversion output
Blue signal output
Blue signal output
Blue signal output
Blue signal output
Green signal output
Green signal output
Green signal output
Green signal output
Red signal output
Red signal output
Red signal output
Red signal output
GND (Analog)
GND (Analog)
GND (Analog)
Power supply (5.0V)
Power supply (5.0V)
Power supply (5.0V)
LED driver output 1
LED driver output 2
LED driver on/off switch
Reference voltage switch for LED
Reference resistor connection
Output current setting (MSB)
Output current setting (LSB)
External reference voltage input for LED
V0 output
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
DWN∗
—
—
—
—
—
—
∗ DWN: Pull-down (typ. 180kΩ)
Pin
No.
Symbol
I/O
Description
Input pin for
open status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com