Electronic Components Datasheet Search
  English  ▼

X  

CXD3513 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXD3513
Description  Interface and Driver IC for LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3513 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXD3513 Datasheet HTML 16Page - Sony Corporation CXD3513 Datasheet HTML 17Page - Sony Corporation CXD3513 Datasheet HTML 18Page - Sony Corporation CXD3513 Datasheet HTML 19Page - Sony Corporation CXD3513 Datasheet HTML 20Page - Sony Corporation CXD3513 Datasheet HTML 21Page - Sony Corporation CXD3513 Datasheet HTML 22Page - Sony Corporation CXD3513 Datasheet HTML 23Page - Sony Corporation CXD3513 Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
CXD3513GG
LED Driver (ACX706AKN, 2-light of LED front light supported)
Block Diagram
Electrical Characteristics (LED driver block)
DC Characteristics
(VDD1 = 3.3V, VDD2 = 5.0V, Ta = 25°C)
Iref
Vref
Idd
Vmax
–10
1.05
—
—
%
V
mA
V
—
1.2
1.5
—
10
1.35
—
4.0
Constant-current accuracy
Internal reference voltage
source accuracy
Current consumption
(excluding constant-current)
Maximum output voltage
LEDIO1, LEDIO2
(10, 15, 20, 25mA)
LEDVRF
Total current consumption =
output current + Idd
LEDIO1, LEDIO2
Level Shift
Level Shift
Level Shift
Level Shift
Reference
Voltage Circuit
LEDIO1
LEDSTB
LEDC0
LEDC1
LEDVRF
LEDVRS
LEDIO2
LEDIRF
1.0mA
Reference resistor
(external)
1.2k
Ω
VREF
IOUT1
IOUT2
IREF
Note: Not supported for 4-light of LED front light of ACX706AKM.
Prepare LED driver separately for ACX706AKM.
Item
Symbol
Unit
Min.
Typ.
Max.
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com