Electronic Components Datasheet Search
  English  ▼

X  

CXD3513 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXD3513
Description  Interface and Driver IC for LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3513 Datasheet(HTML) 2 Page - Sony Corporation

  CXD3513 Datasheet HTML 1Page - Sony Corporation CXD3513 Datasheet HTML 2Page - Sony Corporation CXD3513 Datasheet HTML 3Page - Sony Corporation CXD3513 Datasheet HTML 4Page - Sony Corporation CXD3513 Datasheet HTML 5Page - Sony Corporation CXD3513 Datasheet HTML 6Page - Sony Corporation CXD3513 Datasheet HTML 7Page - Sony Corporation CXD3513 Datasheet HTML 8Page - Sony Corporation CXD3513 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
– 2 –
CXD3513GG
Block Diagram
VDD1 (3.3V)
VSS1 (GND)
R3
C10, J6,
L11, M1
B11, G9,
L2
VDD2 (5.0V)
VSS1 (GND)
B2, D2,
D7
B4, D3,
F4
H12
R2 H11
R1 H10
R0 H9
G3 J12
G2 J11
G1 J10
G0 J9
B3 K12
B2 K11
B1 K10
B0 K9
MCK L12
PCI G11
Hsync/DENB G12
SLIN E10
TESTP M12
TEST A12
Vsync G11
CLR F9
E9
VH1 F2
VL1 F1
VH2 E1
VL2 E3
VRFSTB A1
VH6 C2
VL6 B1
VH8 A2
VL8
LEDC1 A5
LEDC0 C6
LEDSTB D6
LEDVRF B5
LEDVRS B6
M11, L10, M10, M9
R31, R21, R11, R01
XR31, XR21, XR11, XR01
R32, R22, R12, R02
XR32, XR22, XR12, XR02
G31, G21, G11, G01
XG31, XG21, XG11, XG01
G32, G22, G12, G02
XG32, XG22, XG12, XG02
B31, B21, B11, B01
XB31, XB21, XB11, XB01
B32, B22, B12, B02
XB32, XB22, XB12, XB02
PCO
F10 TESTO
F3 V0
E2 V1
E4 V2
D1 V3
C1 V4
D4 V5
C3 V6
B3 V7
D5 V8
A3 VCOM
A4 LEDIO1
C5 LEDIO2
A6 LEDIRF
HST1, XHST1
J7, M6, L6, K6
F12, F11, E12, E11
D10, A9, B9, C9
L9, M8, L8, K8
M5, L5, K5, J5
B12, C12, D12, A11
D9, A8, B8, C8
J8, M7, L7, K7
M4, L4, M3, L3
C11, D11, A10, B10
D8, A7, B7, C7
H4, H3
HST2, XHST2
H2, H1
HCK1, XHCK1
K2, K1
HCK2, XHCK2
J2, J1
VST, XVST
M2, L1
VCK, XVCK
J4, J3
ENB, XENB
K4, K3
OE1, XOE1,
OE2, XOE2
G4, G3,
G2, G1
Power CTR.
Delay
H Counter
H Timing Pulse GEN.
Delay
V Counter
V Timing Pulse GEN.
C4
Resistor
Array
Block
Serial/Parallel Transform Block
Timing Generator Block
Reference Voltage Driver Block
LED Driver Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com