Electronic Components Datasheet Search
  English  ▼

X  

CXG1027TM Datasheet(PDF) 2 Page - Sony Corporation

Part # CXG1027TM
Description  Driver Amplifier for Transmission
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1027TM Datasheet(HTML) 2 Page - Sony Corporation

  CXG1027TM Datasheet HTML 1Page - Sony Corporation CXG1027TM Datasheet HTML 2Page - Sony Corporation CXG1027TM Datasheet HTML 3Page - Sony Corporation CXG1027TM Datasheet HTML 4Page - Sony Corporation CXG1027TM Datasheet HTML 5Page - Sony Corporation CXG1027TM Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
—2—
CXG1027TM
Electrical Characteristics
VGG=0.2 V, VDD=3.4 V, f=941.5 MHz
(Ta=25 °C)
Item
∗1 Current consumption
Output power
∗1 Power gain
∗2 Adjacent channel leak power ratio
(30 kHz offset)
∗2 Adjacent channel leak power ratio
(50 kHz offset)
Symbol
IDD
POUT
GP
ACPR30
ACPR50
Min.
10
27
Typ.
45
29.5
–50
–69
Max.
65
32
–47
–65
Unit
mA
dBm
dB
dBc
dBc
Item
∗1 Current consumption
Output power
∗1 Power gain
∗2 Adjacent channel leak power ratio
(30 kHz offset)
∗2 Adjacent channel leak power ratio
(50 kHz offset)
Symbol
IDD
POUT
GP
ACPR30
ACPR50
Min.
10
25
Typ.
45
27.5
–50
–69
Max.
65
30
–47
–65
Unit
mA
dBm
dB
dBc
dBc
VGG=0.2 V, VDD=3.4 V, f=1.441 GHz
(Ta=25 °C)
∗1 : When +10 dBm output
∗2 : When +10 dBm output, 21 kHz band width
Block Diagram
Package Description/Pin Configuration
VDD1
VGG
RFOUT/VDD2RFIN
10pin TSSOP (PLASTIC)
GND
RFOUT/VDD2
GND (CAP)
GND
VDD1
GND
GND (CAP)
RFIN
GND (1.5GHz) or
GND (IND) (800MHz)
VGG
110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com