Electronic Components Datasheet Search
  English  ▼

X  

CXG1027TM Datasheet(PDF) 4 Page - Sony Corporation

Part # CXG1027TM
Description  Driver Amplifier for Transmission
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1027TM Datasheet(HTML) 4 Page - Sony Corporation

  CXG1027TM Datasheet HTML 1Page - Sony Corporation CXG1027TM Datasheet HTML 2Page - Sony Corporation CXG1027TM Datasheet HTML 3Page - Sony Corporation CXG1027TM Datasheet HTML 4Page - Sony Corporation CXG1027TM Datasheet HTML 5Page - Sony Corporation CXG1027TM Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
—4—
CXG1027TM
Recommended Evaluation Board
(For 800 MHz)
(For 1.5 GHz)
25mm
VGG
GND
VDD
RFIN
RFOUT
GND
L1
C1
C2
Cp
Cp
Cp
VGG
GND
VDD
RFIN
RFOUT
GND
Cp
C2
Cp
Cp
L1
C1
Glass fabric-base epoxy 4-layer board (Thickness : 0.3 mm
× 2)
GND for the overall 2nd, 3rd and 4th sides



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com