Electronic Components Datasheet Search
  English  ▼

X  

CXG1027TM Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1027TM
Description  Driver Amplifier for Transmission
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1027TM Datasheet(HTML) 5 Page - Sony Corporation

  CXG1027TM Datasheet HTML 1Page - Sony Corporation CXG1027TM Datasheet HTML 2Page - Sony Corporation CXG1027TM Datasheet HTML 3Page - Sony Corporation CXG1027TM Datasheet HTML 4Page - Sony Corporation CXG1027TM Datasheet HTML 5Page - Sony Corporation CXG1027TM Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
—5—
CXG1027TM
Example of Representative Characteristics (Ta=25 °C)
POUT, Gain, IDD, ACPR vs. PIN
Freq.=1.441GHz, VDD=3.4V, VGG=0.2V
30
20
10
0
–10
–20
–40
–30
–20
–10
0
PIN [dBm]
60
50
40
–20
–30
–50
–60
–70
–40
Gain
POUT
IDD
ACPR50
POUT, Gain, IDD, ACPR vs. VDD
Freq.=1.441GHz, VGG=0.2V, PIN=–18dBm
30
20
10
0
–10
–20
2.0
2.5
3.0
3.5
5.5
VDD [V]
60
50
40
–20
–30
–50
–60
–70
–40
Gain
POUT
IDD
ACPR30
ACPR50
4.0
4.5
5.0
Gain, ACPR vs. IDD
Freq.=1.441GHz, POUT=10dBm, VDD=3.4V, VGG=var.
30
20
10
0
–10
–20
20
30
40
50
IDD [mA]
–20
–30
–50
–60
–70
–40
Gain
ACPR30
ACPR50
60
70
80
ACPR30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com