Electronic Components Datasheet Search
  English  ▼

X  

CXG1027TM Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1027TM
Description  Driver Amplifier for Transmission
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1027TM Datasheet(HTML) 3 Page - Sony Corporation

  CXG1027TM Datasheet HTML 1Page - Sony Corporation CXG1027TM Datasheet HTML 2Page - Sony Corporation CXG1027TM Datasheet HTML 3Page - Sony Corporation CXG1027TM Datasheet HTML 4Page - Sony Corporation CXG1027TM Datasheet HTML 5Page - Sony Corporation CXG1027TM Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
—3—
CXG1027TM
Recommended Circuit
(For 800 MHz)
(For 1.5 GHz)
R2
12
Ω
RFOUT
VDD
2
1
3
4
5
R1
15
Ω
RFIN
VGG
10
9
8
7
6
Cp
1000pF
C2
10pF
L4
12nH
Cp
1000pF
L3
8.2nH
Cp
1000pF
C1
100pF
L1
33nH
L2
39nH
L5
5.6nH
Cp
1000pF
Cp
1000pF
RFOUT
VDD
2
1
3
4
5
RFIN
VGG
10
9
8
7
6
Cp
1000pF
C2
4pF
L4
4.7nH
Cp
1000pF
L3
10nH
R2
12
Ω
Cp
1000pF
R1
15
Ω
Cp
1000pF
C1
100pF
L1
18nH
L2
18nH
Cp
1000pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com