Electronic Components Datasheet Search
  English  ▼

X  

TDA7493 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 8Page - STMicroelectronics TDA7493 Datasheet HTML 9Page - STMicroelectronics TDA7493 Datasheet HTML 10Page - STMicroelectronics TDA7493 Datasheet HTML 11Page - STMicroelectronics TDA7493 Datasheet HTML 12Page - STMicroelectronics TDA7493 Datasheet HTML 13Page - STMicroelectronics TDA7493 Datasheet HTML 14Page - STMicroelectronics TDA7493 Datasheet HTML 15Page - STMicroelectronics TDA7493 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Applications information
TDA7493
12/30
Doc ID 14570 Rev 6
5.3
Input resistance and capacitance
The input impedance is set by an internal resistor, Ri, of value 60 k
Ω. An input coupling
capacitor (Ci) is required on each input line. These two components together form a
high-pass filter whose cutoff frequency is:
fC = 1 / (2 * π * Ri * Ci)
Figure 4.
Input high-pass RC filter
The value of Ci is chosen depending on the application and the speaker system. For a
cut-off frequency less than 20 Hz, the input capacitors could be 470 nF each.
If a polarized capacitor is used, it is important to connect the positive side of the capacitor to
the terminal with higher DC voltage. The DC voltage on the input pins is VCC / 2.
Figure 5.
Device input structure
Ri
Rf
Rf
Ri
Ci
Ci
Input signal
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com