Electronic Components Datasheet Search
  English  ▼

X  

TDA7493 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 22Page - STMicroelectronics TDA7493 Datasheet HTML 23Page - STMicroelectronics TDA7493 Datasheet HTML 24Page - STMicroelectronics TDA7493 Datasheet HTML 25Page - STMicroelectronics TDA7493 Datasheet HTML 26Page - STMicroelectronics TDA7493 Datasheet HTML 27Page - STMicroelectronics TDA7493 Datasheet HTML 28Page - STMicroelectronics TDA7493 Datasheet HTML 29Page - STMicroelectronics TDA7493 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Heatsink provision
TDA7493
28/30
Doc ID 14570 Rev 6
8
Heatsink provision
With the exposed-pad packages, it is possible to use the printed circuit board as a heatsink.
Using a PCB copper ground area of 3 x 3 cm2 with 16 via holes to make contact with the
exposed pad, a thermal resistance of 37 °C/W can be achieved.
The amount of power dissipated within the device depends primarily on the supply voltage,
load impedance and output modulation level. The maximum estimated power dissipation for
the TDA7493 is around 1.1 W.
With the suggested copper area of 9 cm2, a maximum junction temperature increase of less
than 40 °C above ambient can be expected, thus giving a maximum junction temperature,
Tj, of approximately 90 °C in consumer environments where 50 °C is specified as the
maximum ambient temperature. This provides a comfortable safety margin to the thermal
protection threshold at Tj = 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com