Electronic Components Datasheet Search
  English  ▼

X  

TDA7493 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 22Page - STMicroelectronics TDA7493 Datasheet HTML 23Page - STMicroelectronics TDA7493 Datasheet HTML 24Page - STMicroelectronics TDA7493 Datasheet HTML 25Page - STMicroelectronics TDA7493 Datasheet HTML 26Page - STMicroelectronics TDA7493 Datasheet HTML 27Page - STMicroelectronics TDA7493 Datasheet HTML 28Page - STMicroelectronics TDA7493 Datasheet HTML 29Page - STMicroelectronics TDA7493 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
TDA7493
Revision history
Doc ID 14570 Rev 6
29/30
9
Revision history
Table 11.
Document revision history
Date
Revision
Changes
02-Apr-2008
1
Initial release.
16-Sep-2008
2
Updated application schematic on page 8
Updated Table 5: Electrical characteristics on page 9
Updated schematic of input structure on page 12
Updated Schematic for the filterless configuration on page 14
Updated section 5.8: Differential input on page 17.
01-Dec-2008
3
Added test voltage note to SC protection in section 5.7: Protection
function on page 17.
14-Dec-2008
4
Replaced 2.8 W with 3 W in title on page 1
Added new feature of 3.0 W on on page 1
Updated description for pin STANDBY in Table 2: Pin list on page 7
Added output power for filterless config to Table 5: Electrical
characteristics on page 9
Updated values for digital input thresholds in Table 5: Electrical
characteristics on page 9
Updated text for environmentally-friendly packaging on page 27.
14-Oct-2009
5
Updated minimum operating voltage on page 1 and on page 9
Updated formula for fSW on page 10 and on page 15.
29-Nov-2010
6
Added VCC_STANDBY to Table 3: Absolute maximum rating on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com