Electronic Components Datasheet Search
  English  ▼

X  

TDA7493 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 19Page - STMicroelectronics TDA7493 Datasheet HTML 20Page - STMicroelectronics TDA7493 Datasheet HTML 21Page - STMicroelectronics TDA7493 Datasheet HTML 22Page - STMicroelectronics TDA7493 Datasheet HTML 23Page - STMicroelectronics TDA7493 Datasheet HTML 24Page - STMicroelectronics TDA7493 Datasheet HTML 25Page - STMicroelectronics TDA7493 Datasheet HTML 26Page - STMicroelectronics TDA7493 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TDA7493
Electrical characterization curves
Doc ID 14570 Rev 6
23/30
6.2
For the configuration without filter
Test setup as given in Figure 7 on page 14
Test conditions VCC = 5 V, C20 = 10 µF, RL = 4 Ω + 270 µH, no LC filter
Figure 23.
THD vs output power at 1 kHz
Figure 24.
THD vs output power at 100 Hz
Figure 25.
THD vs frequency at 100 mW
100m
4
200m
300m
400m
600m
800m
1
2
3
Po (W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)
100m
4
200m
300m 400m
600m 800m 1
2
3
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
Po (W)
THD
(%)
20
20k
50
100
200
500
1k
2k
5k
10k
frequency (Hz)
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com