Electronic Components Datasheet Search
  English  ▼

X  

TDA7562B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7562B
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7562B Datasheet HTML 3Page - STMicroelectronics TDA7562B Datasheet HTML 4Page - STMicroelectronics TDA7562B Datasheet HTML 5Page - STMicroelectronics TDA7562B Datasheet HTML 6Page - STMicroelectronics TDA7562B Datasheet HTML 7Page - STMicroelectronics TDA7562B Datasheet HTML 8Page - STMicroelectronics TDA7562B Datasheet HTML 9Page - STMicroelectronics TDA7562B Datasheet HTML 10Page - STMicroelectronics TDA7562B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TDA7562B
Electrical specifications
Doc ID 17984 Rev 2
7/30
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage
18
V
VS
DC supply voltage
28
V
Vpeak
Peak supply voltage (for t = 50 ms)
50
V
VCK
CK pin voltage
6
V
VDATA
Data pin voltage
6
V
IO
Output peak current (not repetitive t = 100
μs)
8
A
IO
Output peak current (repetitive f > 10 Hz)
6
A
Ptot
Power dissipation Tcase = 70 °C
85
W
Tstg, Tj
Storage and junction temperature
-55 to 150
°C
Top
Operative temperature range
-40 to 105
°C
Table 3.
Thermal data
Symbol
Description
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com