Electronic Components Datasheet Search
  English  ▼

X  

TDA7562B Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7562B
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7562B Datasheet HTML 6Page - STMicroelectronics TDA7562B Datasheet HTML 7Page - STMicroelectronics TDA7562B Datasheet HTML 8Page - STMicroelectronics TDA7562B Datasheet HTML 9Page - STMicroelectronics TDA7562B Datasheet HTML 10Page - STMicroelectronics TDA7562B Datasheet HTML 11Page - STMicroelectronics TDA7562B Datasheet HTML 12Page - STMicroelectronics TDA7562B Datasheet HTML 13Page - STMicroelectronics TDA7562B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical specifications
TDA7562B
10/30
Doc ID 17984 Rev 2
LSC
Shorter load det.
Power amplifier mode
-
-
0.5
Ω
Line driver mode
-
-
2
Ω
VO
Offset detection
Power amplifier in play, AC Input
signals = 0
±1.5
±2
±2.5
V
INL
Normal load current detection
VO < (VS - 5)pk
500
-
-
mA
IOL
Open load current detection
-
-
250
mA
I2C bus interface
fSCL
Clock frequency
-
-
400
-
kHz
VIL
Input low voltage
-
-
-
1.5
V
VIH
Input high voltage
-
2.3
-
-
V
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com