Electronic Components Datasheet Search
  English  ▼

X  

TDA7562B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7562B
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7562B Datasheet HTML 1Page - STMicroelectronics TDA7562B Datasheet HTML 2Page - STMicroelectronics TDA7562B Datasheet HTML 3Page - STMicroelectronics TDA7562B Datasheet HTML 4Page - STMicroelectronics TDA7562B Datasheet HTML 5Page - STMicroelectronics TDA7562B Datasheet HTML 6Page - STMicroelectronics TDA7562B Datasheet HTML 7Page - STMicroelectronics TDA7562B Datasheet HTML 8Page - STMicroelectronics TDA7562B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
February 2011
Doc ID 17984 Rev 2
1/30
1
TDA7562B
4 x 46 W multifunction quad power amplifier
with built-in diagnostics features
Features
■ MOSFET output power stage
■ High output power capability 4 x 25 W/4 Ω @
14.4 V, 1 kHz, 10 % THD
■ Max. output power 4 x 68 W/2 Ω, 4 x 42 W/4 Ω
@ 14.4 V
■ Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 30 dB - 16 dB
–I2C bus digital diagnostics
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector (2 % / 10 %)
■ Standby/mute pin
■ ESD protection
Description
The TDA7562B is a new BCD technology quad
bridge type of car radio amplifier in Flexiwatt27
package specially intended for car radio
applications.
Thanks to the DMOS output stage the TDA7562B
has a very low distortion allowing a clear powerful
sound.
This device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus.
The possibility to control the configuration and
behavior of the device by means of the I2C bus
makes TDA7562B a very flexible machine.
Flexiwatt27
Table 1.
Device summary
Order code
Package
Packing
TDA7562B
Flexiwatt27
Tube
www.st.com


Similar Part No. - TDA7562B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
446Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
TDA7562B STMICROELECTRONICS-TDA7562B_V01 Datasheet
446Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
18-Sep-2013
More results

Similar Description - TDA7562B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com