Electronic Components Datasheet Search
  English  ▼

X  

STPS160-Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS160-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160-Y Datasheet(HTML) 8 Page - STMicroelectronics

  STPS160-Y Datasheet HTML 1Page - STMicroelectronics STPS160-Y Datasheet HTML 2Page - STMicroelectronics STPS160-Y Datasheet HTML 3Page - STMicroelectronics STPS160-Y Datasheet HTML 4Page - STMicroelectronics STPS160-Y Datasheet HTML 5Page - STMicroelectronics STPS160-Y Datasheet HTML 6Page - STMicroelectronics STPS160-Y Datasheet HTML 7Page - STMicroelectronics STPS160-Y Datasheet HTML 8Page - STMicroelectronics STPS160-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STPS160-Y
8/9
Doc ID 023383 Rev 1
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS160AY
GA6Y
SMA
0.068 g
5000
Tape and reel
STPS160UY
E16Y
SMB
0.107 g
2500
Tape and reel
Table 8.
Document revision history
Date
Revision
Changes
28-Jun-2012
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com