Electronic Components Datasheet Search
  English  ▼

X  

STPS160-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS160-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS160-Y Datasheet HTML 1Page - STMicroelectronics STPS160-Y Datasheet HTML 2Page - STMicroelectronics STPS160-Y Datasheet HTML 3Page - STMicroelectronics STPS160-Y Datasheet HTML 4Page - STMicroelectronics STPS160-Y Datasheet HTML 5Page - STMicroelectronics STPS160-Y Datasheet HTML 6Page - STMicroelectronics STPS160-Y Datasheet HTML 7Page - STMicroelectronics STPS160-Y Datasheet HTML 8Page - STMicroelectronics STPS160-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS160-Y
Characteristics
Doc ID 023383 Rev 1
3/9
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
P
(W)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
I
(A)
F(AV)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
F(AV)
T
δ=tp/T
tp
SMB
R
=80°C/W
S
=1.5cm
th(j-a)
(CU)
2
T
(°C)
amb
R=R
th(j-a)
th(j-I)
SMA
R
=100°C/W
S
=1.5cm
th(j-a)
(CU)
2
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMA)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
I (A)
M
IM
t
δ=0.5
T =25°C
a
T =50°C
a
T =100°C
a
t(s)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
I (A)
M
IM
t
δ=0.5
T =25°C
a
T =50°C
a
T =100°C
a
t(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com