Electronic Components Datasheet Search
  English  ▼

X  

STPS160-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS160-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS160-Y Datasheet HTML 1Page - STMicroelectronics STPS160-Y Datasheet HTML 2Page - STMicroelectronics STPS160-Y Datasheet HTML 3Page - STMicroelectronics STPS160-Y Datasheet HTML 4Page - STMicroelectronics STPS160-Y Datasheet HTML 5Page - STMicroelectronics STPS160-Y Datasheet HTML 6Page - STMicroelectronics STPS160-Y Datasheet HTML 7Page - STMicroelectronics STPS160-Y Datasheet HTML 8Page - STMicroelectronics STPS160-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS160-Y
4/9
Doc ID 023383 Rev 1
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMA)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMB)
1E-2
1E-1
1E+0
1E+1
1E+2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
epoxy printed circuit board, e
= 35 µm
recommended pad layout
(Cu)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
epoxy printed circuit board, e
= 35 µm
recommended pad layout
(Cu)
Figure 9.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 10.
Junction capacitance versus
reverse voltage applied
(typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
1E-1
1E+0
1E+1
1E+2
1E+3
I (µA)
R
V (V)
R
T =105°C
j
T =75°C
j
T =25°C
j
1
2
5
10
20
50
100
10
20
50
100
200
C(pF)
V (V)
R
F=1MHz
T =25°C
j
Figure 11.
Forward voltage drop versus
forward current (maximum values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMA)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1E-2
1E-1
1E+0
1E+1
I
(A)
FM
V
(V)
FM
T =125°C
j
T =25°C
j
01
2
3
4
5
0
20
40
60
80
100
120
140
S(Cu)(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board Fr4
copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com