Electronic Components Datasheet Search
  English  ▼

X  

STPS160-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS160-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS160-Y Datasheet HTML 1Page - STMicroelectronics STPS160-Y Datasheet HTML 2Page - STMicroelectronics STPS160-Y Datasheet HTML 3Page - STMicroelectronics STPS160-Y Datasheet HTML 4Page - STMicroelectronics STPS160-Y Datasheet HTML 5Page - STMicroelectronics STPS160-Y Datasheet HTML 6Page - STMicroelectronics STPS160-Y Datasheet HTML 7Page - STMicroelectronics STPS160-Y Datasheet HTML 8Page - STMicroelectronics STPS160-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
June 2012
Doc ID 023383 Rev 1
1/9
9
STPS160-Y
Automotive power Schottky rectifier
Datasheet
− production data
Features
■
Very small conduction losses
■
Negligible switching losses
■
Low forward voltage drop
■
Surface mount miniature packages
■
Avalanche capability specified
■
ECOPACK®2 compliant components
■
AEC-Q101 qualified
Description
Single chip Schottky rectifiers suited to switched
mode power supplies and high frequency DC to
DC converters.
Packaged in SMA and SMB, this device is
especially intended for surface mounting and
used in low voltage, high frequency inverters, free
wheeling and polarity protection for automotive
application.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.57 V
K
A
K
A
SMA
(JEDEC DO-214AC)
STPS160AY
SMB
(JEDEC DO-214AA)
STPS160UY
www.st.com


Similar Part No. - STPS160-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS160 STMICROELECTRONICS-STPS160 Datasheet
74Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1999
STPS160 STMICROELECTRONICS-STPS160 Datasheet
355Kb / 13P
60 V, 1 A power Schottky rectifier
08-Oct-2019
STPS16045 STMICROELECTRONICS-STPS16045 Datasheet
125Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS16045TV STMICROELECTRONICS-STPS16045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS16045TV STMICROELECTRONICS-STPS16045TV Datasheet
125Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results

Similar Description - STPS160-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS140-Y STMICROELECTRONICS-STPS140-Y Datasheet
103Kb / 9P
Automotive power Schottky rectifier
10-Dec-2010
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com