Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-SD03F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-SD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
February 2010
Doc ID 15194 Rev 2
1/23
23
EMIF06-SD03F3
6-line IPAD™, EMI filter and ESD protection for SD card
Features
■ ESD protection (IEC standard)
■ EMI Filtering
■ Level translator
■ Signal conditionning
■ Integrated power supply with:
– Thermal shutdown (TSD)
– Under voltage lockout (UVLO)
– Short-circuit current limitation (ISC)
– Power on/off feature with Enable pin
Benefits
■ EMI Low-pass-filter and ESD protection (up to
15 kV on external pins)
■ Integrated pull up resistors prevent bus floating
■ 50 MHz clock frequency compatible with
Cline< 40 pF
■ Lead-free package in 400 µm pitch
■ Low power consumption
■ Very low PCB space consumption
■ High reliability offered by monolithic integration
■ Reduction of parasitic elements thanks to CSP
integration
Complies with the following standards:
■ IEC 61000-4-2, Level 4: External pins
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ HBM IEC 61340-3-1: All pins
– 2 kV (air discharge)
– 2 kV (contact discharge)
TM: IPAD is a trademark of STMicroelectronics.
Figure 1.
Pin configuration (bump side)
Applications
■ Removable memory cards in mobile phones,
communication systems, and portable
applications
■ Memory cards compliant with: SD (standard
and high speed), MiniSD, µSD and
MMC/Trans-flash standards
Description
The EMIF06-SD03F3 is a highly integrated
device, based on IPAD technology, combining the
5 functions described under Features.
Flip Chip
(24 bumps)
A
B
C
D
E
1
2
3
4
5
www.st.com


Similar Part No. - EMIF06-SD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
6 line EMI filter and ESD protection for SD card
06-Mar-2007
More results

Similar Description - EMIF06-SD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
6 line EMI filter and ESD protection for SD card
06-Mar-2007
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2_08 Datasheet
231Kb / 8P
6-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
EMIF06-HMC02F2 STMICROELECTRONICS-EMIF06-HMC02F2 Datasheet
285Kb / 7P
6-line IPAD™, EMI filter including ESD protection
March 2016 Rev 1
EMIF06-USD04F3 STMICROELECTRONICS-EMIF06-USD04F3 Datasheet
297Kb / 8P
6-line low capacitance IPAD™ for micro-SD card with EMI filtering and ESD protection
January 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com