Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-SD03F3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 10Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data transmission
EMIF06-SD03F3
10/23
Doc ID 15194 Rev 2
4
Data transmission
All values in the tables below are guaranteed across the operating temperature and voltage
range unless otherwise specified.
Table 8.
DC voltage levels on host side
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIHA
High level input voltage
0.65 x VccA
VccA
-V
VILA
Low level input voltage
0
0
0.35 x VccA
V
VOHA
High level output
voltage
Ioh = -6 mA
VccA - 0.45
-
-
V
VOLA
Low level output voltage
Iol = 7 mA
-
0
0.45
V
Table 9.
DC voltage levels on SD side
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIHB
High level input voltage
0.7 x VccB
(1)
1.
VccB is defined in power supply block.
VccB
-V
VILB
Low level input voltage
-
0
0.3 x VccB
(1)
V
VOHB
High level output voltage
Ioh = -8 mA
VccB
(1) - 0.7
2.9
-
V
VOLB
Low voltage output voltage
Iol = 8 mA
-
0
0.7
V
Table 10.
DC current levels
Symbol
Parameter
Test conditions(1)
1.
See Note: on page 3 for definition of collective names of pins, for example *.dir
Min. Typ. Max. Unit
ILH
Leakage current on
host pin
VEN = *.dir = VccA = 1.92 V,
ViA = VccA or GND, Vbat = 3.4 V
--
5
µA
ILSD
Leakage current on
SD pin
Vbat = 3.4 V, VCLK.h = VccA,
VCMD = VDat0 = VDat1 = VDat2 = VccB
VDat3 = *.dir = GND
--
5
µA
ISCH
Short circuit current
on host side
SD input = H, host= 0 V
SD input = 0 V, host = VccA = 1.8 V
*.dir = 0 V, Vbat = 3.4 V, Tj = 25 °C
-25
-
mA
ISCSD
Short circuit current
on SD side
Host input = H, SD = 0 V
Host input= L, SD = VccB, Tj = 25 °C
*.dir = VccA = 1.8 V, Vbat = 3.4 V
-60
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com