Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-SD03F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-SD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
EMIF06-SD03F3
Functional description
Doc ID 15194 Rev 2
3/23
1
Functional description
A SIDE (Host-CPU) pin list:
VccA, Enable, Dat123.dir, CMD.dir, CMD.h, CLK.h, CLK -f, Dat0.dir, Dat0.h, Dat1.h, Dat2.h,
Dat3.h, Vbat
B SIDE (SD-Card) pin list:
WP, CD, VccB, CMD-B, CLK-B, Dat0-B, Dat1-B, Dat2-B, Dat3-B
Note:
In Table 5, 6, 7, and 10, collective names are used for groups of pins. The names used are:
*.dir = CMD.dir, Dat0.dir, Dat123.dir
*.h = CMD.h, CLK.h, Dat0.h, Dat1.h, Dat2.h, Dat3.h
*-B = CMD-B, CLK-B, Dat0-B, Dat1-B, Dat2-B, Dat3-B
ViA = All A side input pins
ViB = All B side input pins.
Table 1.
Pin definition
Pin name
Bump
Type
Side
Description
VccA
B3
Power input
A
Power supply (1.8v)
VccB
B4
Power output
B
Power supply (internally generated, 2.9 V)
Vbat
A4
Power input
A
Battery power supply
GND
C4
Ground
-
Ground
GND
C3
Ground
-
Ground
Enable
C2
Input
A
Internal power supply enable
CMD.dir
A2
Input
A
Command direction
CMD.h
D2
IO
A
A side command
CLK.h
C1
Input
A
Clock input
CLK-f
E2
Output
A
Clock feedback
Dat0.dir
A3
Input
A
Data direction
Dat0.h
D1
IO
A
Data host
Dat123.dir
E3
Input
A
Data direction
Dat1.h
E1
IO
A
Data host
Dat2.h
A1
IO
A
Data host
Dat3.h
B1
IO
A
Data host
WP
E4
Input to CPU
A
Write protect
CD
D3
Input to CPU
A
Card detect
CMD-B
D4
IO
B
Command direction
CLK-B
C5
Output
B
Clock output
Dat0-B
D5
IO
B
Data SD
Dat1-B
E5
IO
B
Data SD
Dat2-B
A5
IO
B
Data SD
Dat3-B
B5
IO
B
Data SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com