Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-SD03F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-SD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Functional description
EMIF06-SD03F3
4/23
Doc ID 15194 Rev 2
Note:
1
When A side signals direction is INPUT, SD-CARD is WRITTEN by CPU-Host (i.e B side
signals direction is OUTPUT)
When A side signals direction is OUTPUT, SD-CARD is READ by CPU-Host (i.e B side
signals direction is INPUT)
2
For B side signals when Enable = L:
* Defined by internal pull-down (see Figure 3 for pins CMD.B and data bus Dat[0…3].B)
Figure 2.
Configuration
Table 2.
Function table
Command signals
A side signals direction
B side signal direction
Enable
CMD. dir
Dat0.dir Dat123.dir CMD.h
CLK.h
CLK-f
Dat0.h
Dat1.h
Dat2.h
Dat3.h
CMD-B
CLK-B
Dat0-B
Dat1-B
Dat2-B
Dat3-B
H
H
X
X
IN
IN
OUT
X
X
OUT
OUT
X
X
H
L
X
X
OUT
IN
OUT
X
X
IN
OUT
X
X
H
X
H
X
X
IN
OUT
IN
X
X
OUT
OUT
X
H
X
L
X
X
IN
OUT
OUT
X
X
OUT
IN
X
HX
X
H
X
IN
OUT
X
IN
X
OUT
X
OUT
H
X
X
L
X
IN
OUT
X
OUT
X
OUT
X
IN
L
X
X
X
X
X
Z
X
X
L*
Z
L*
L*
CPU
IPAD
Mini
SD
Clk
Clk
VccA 1.8 V
VccB
Vbat
CMD
CMD
CMD
CMD Dir
Data 0 - 3
Data 0 - 3
ESD (15 kV)
and EMI
Low drop out
voltage regulator
Dir0
Dir1-3
WP, CD
ESD
2 kV
Feedback Clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com