Electronic Components Datasheet Search
  English  ▼

X  

ST1284 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1284
Description  Parallel port single termination network with ±15 kV ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1284_12 Datasheet HTML 2Page - STMicroelectronics ST1284_12 Datasheet HTML 3Page - STMicroelectronics ST1284_12 Datasheet HTML 4Page - STMicroelectronics ST1284_12 Datasheet HTML 5Page - STMicroelectronics ST1284_12 Datasheet HTML 6Page - STMicroelectronics ST1284_12 Datasheet HTML 7Page - STMicroelectronics ST1284_12 Datasheet HTML 8Page - STMicroelectronics ST1284_12 Datasheet HTML 9Page - STMicroelectronics ST1284_12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST1284
Technical information
Doc ID 6976 Rev 4
7/10
To have a good approximation of the remaining voltages at both Vin and Vout stages, we give
the typical dynamic resistance value Rd.
By taking into account these following hypothesis:
Rt>Rd, Rg>Rd and Rload>Rd, it gives these formulas:
The results of the calculation done for VPP = 8 kV, Rg = 330 Ω (IEC 61000-4-2 standard),
VBR = 7 V (typ.) and Rd = 1 Ω (typ.) give:
–Vinput = 31.2 V
–Voutput = 7.95 V
This confirms the very low remaining voltage across the device to be protected. It is also
important to note that in this approximation the parasitic inductance effect was not taken into
account. This could be few tenths of volts during few ns at the input side. This parasitic effect
is not present at the output side due the low current involved after the resistance R.
The measurements done here after show very clearly (Figure 9) the high efficiency of the
ESD protection:
–
no influence of the parasitic inductances on Vout stage
–Voutput clamping voltage very close to VBR (positive strike) and -VF (negative
strike)
Figure 8.
Measurement conditions
Figure 9.
Remaining voltage at the input and output of the device during a ±16 kV
ESD surge (IEC 61000-4-2)
Vinput
R
g
V
BR
R
d
V
PP
⋅
+
⋅
R
g
---------------------------------------------------
=
Voutput
R
t
V
BR
R
d
Vinput
⋅
+
⋅
R
t
----------------------------------------------------------
=
ST1284
Vinput
Voutput
ESD
SURGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com