Electronic Components Datasheet Search
  English  ▼

X  

ST1284 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1284
Description  Parallel port single termination network with ±15 kV ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1284_12 Datasheet HTML 2Page - STMicroelectronics ST1284_12 Datasheet HTML 3Page - STMicroelectronics ST1284_12 Datasheet HTML 4Page - STMicroelectronics ST1284_12 Datasheet HTML 5Page - STMicroelectronics ST1284_12 Datasheet HTML 6Page - STMicroelectronics ST1284_12 Datasheet HTML 7Page - STMicroelectronics ST1284_12 Datasheet HTML 8Page - STMicroelectronics ST1284_12 Datasheet HTML 9Page - STMicroelectronics ST1284_12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
ST1284
8/10
Doc ID 6976 Rev 4
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 10.
Footprint (dimensions in mm)
Table 3.
QSOP28 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.55
1.75
0.061
0.069
a1
0.10
0.25
0.004
0.010
b
0.20
0.30
0.008
0.012
b1
0.18
0.25
0.007
0.010
D
9.80
9.98
0.386
0.393
E
3.80
3.98
0.15
0.157
e
0.64 typ.
0.025 typ.
F
5.79
6.20
0.228
0.244
L
0.40
0.90
0.016
0.035
S
8° max
8° max
Table 4.
Mechanical specifications
Lead plating
Tin-lead
Lead plating thickness
7 µm min.
25 µm max.
Lead material
Copper Alloy
Lead coplanarity
0.102 mm (0.004”)
Body material
Molded epoxy
Resin
Meets UL94V-0 standard
28
15
14
1
b
a1
e
S
L
E
F
D
b1
A
0.64
0.40
6.70
3.70
1.50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com