Electronic Components Datasheet Search
  English  ▼

X  

ST1284 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1284
Description  Parallel port single termination network with ±15 kV ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1284_12 Datasheet HTML 1Page - STMicroelectronics ST1284_12 Datasheet HTML 2Page - STMicroelectronics ST1284_12 Datasheet HTML 3Page - STMicroelectronics ST1284_12 Datasheet HTML 4Page - STMicroelectronics ST1284_12 Datasheet HTML 5Page - STMicroelectronics ST1284_12 Datasheet HTML 6Page - STMicroelectronics ST1284_12 Datasheet HTML 7Page - STMicroelectronics ST1284_12 Datasheet HTML 8Page - STMicroelectronics ST1284_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST1284
Application information
Doc ID 6976 Rev 4
5/10
2
Application information
The functional diagram here above presents a IEEE1284-A connector pinout and show how
to connect the ST1284-01A8 in order to correctly terminate and filter the 17 signal lines. The
IEEE1284-A connector is the PC standard for the host connection.
Control and status lines (from 10 to 17) only require a pull-up resistor (Rp) and a filter
capacitor (C).
The data lines (from 2 to 9) and the STROBE (pin 1) also require a termination series
resistor (Rs) in addition to the pull-up resistor and a filter capacitor. The VCC is connected to
pin 20 and the ground to pin 22.
The ST1284-01A8 can be used with all 3 types of connectors defined in the IEEE1284
standard:
–
IEEE1284-A is a 25 dB connector which is the PC standard for the host
connection.
–
IEEE1284-B is a 36 pin, 0.085 inch center line connector used on the peripheral
device.
–
IEEE1284-C is a new 36 pin, 0.050 inch center line connector which can be used
for both host and peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com