Electronic Components Datasheet Search
  English  ▼

X  

ST1284 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1284
Description  Parallel port single termination network with ±15 kV ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1284_12 Datasheet HTML 1Page - STMicroelectronics ST1284_12 Datasheet HTML 2Page - STMicroelectronics ST1284_12 Datasheet HTML 3Page - STMicroelectronics ST1284_12 Datasheet HTML 4Page - STMicroelectronics ST1284_12 Datasheet HTML 5Page - STMicroelectronics ST1284_12 Datasheet HTML 6Page - STMicroelectronics ST1284_12 Datasheet HTML 7Page - STMicroelectronics ST1284_12 Datasheet HTML 8Page - STMicroelectronics ST1284_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
May 2012
Doc ID 6976 Rev 4
1/10
10
ST1284
Parallel port single termination network with ±15 kV ESD protection
Datasheet
− production data
Features
■
One device for parallel port termination
■
Compliant with IEEE1284 standard
■
EMI / RFI noise filtering
■
Highly integrated solution in 28 pins QSOP
package
■
One single device provides the proper
termination for 8 data lines, 1 strobe line, 4
control lines and 4 status lines
■
In system ESD protection of ±15 kV (air
discharge) as per IEC 61000-4-2 level 4
■
ECOPACK®2 compliant component
Complies with the following standards:
■
IEC 61000-4-2 level 4
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
MIL STD 883G - Method 3015-7 Class 3
– ±25 kV (human body model)
Applications
ECP/EPP parallel port termination on:
■
Desktops
■
Notebooks
■
Workstations
■
Servers
■
PC peripherals
■
Set top box
TM: IPAD is a trademark of STMicroelectronics.
Description
The ST1284-01A8 is a highly integrated
termination for enhanced high speed parallel
ports. The integrated termination complies to the
IEEE1284 Standard recommendations and
government EMC compatibility requirements. It is
built around two basic cells. The first one (cell 1)
provides line termination, EMI filtering and ESD
protection for the strobe and data lines while the
second one (cell 2) provides EMI filtering and
ESD protection for the Control and Status lines.
In addition, ST1284-01A8 provides extra
protection against ESD. When tested according to
IEC 61000-4-2, they withstand ±8 kV contact
discharges and ±15 kV air discharges, thereby
providing to the system the necessary robustness
to meet up to level 4 of IEC 61000-4-2, without the
need for additional ESD protection components.
QSOP28
www.st.com


Similar Part No. - ST1284_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-01 STMICROELECTRONICS-ST1284-01 Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
ST1284-01A8 STMICROELECTRONICS-ST1284-01A8 Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
ST1284-01A8RL STMICROELECTRONICS-ST1284-01A8RL Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
ST1284-01T8RL STMICROELECTRONICS-ST1284-01T8RL Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
ST1284-02 STMICROELECTRONICS-ST1284-02 Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
More results

Similar Description - ST1284_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8T8 STMICROELECTRONICS-ST1284-XXA8T8 Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
ST1394 STMICROELECTRONICS-ST1394 Datasheet
164Kb / 6P
IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
28-Oct-2004
logo
California Micro Device...
PACVGA100 CALMIRCO-PACVGA100 Datasheet
75Kb / 5P
VGA Port ESD Protection and Termination Network
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
logo
TECH PUBLIC Electronics...
ESDA6V8AV5 TECHPUBLIC-ESDA6V8AV5 Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
PESD5V0L4UW TECHPUBLIC-PESD5V0L4UW Datasheet
1Mb / 4P
Low-Capacitance Array with ±15-kV ESD Protection
logo
Unisonic Technologies
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com