Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR005V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-TDR005V1
Description  RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR005V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-TDR005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STEVAL-TDR005V1
STEVAL-TDR005V1 class of operation
Doc ID 14845 Rev 2
7/11
5
STEVAL-TDR005V1 class of operation
●
Class B: a low bias point with ~100 mA per transistor
●
Class AB: a higher bias point with ~ 900 mA per transistor
To select a bias point, STEVAL-TDR005V1 has a control port “BIAS”.
●
The bias point is 2x 100 mA if “BIAS” is left open and in this case a DC voltage of ~5 V
is present
●
The bias point is 2 x 900 mA if “BIAS” is connected to ground.
"PA_ON" control port / ON-OFF bias current
●
To switch-on biasing circuit, connect “PA_ON” to ground.
●
To switch-off biasing circuit, left open “PA_ON”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com