Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TDR005V1
Description  RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2010
Doc ID 14845 Rev 2
1/11
11
STEVAL-TDR005V1
RF power amplifier using 2 x SD2943
N-channel enhancement-mode lateral MOSFETs
Features
■ Excellent thermal stability
■ Frequency: 1.8 - 54 MHz
■ Supply voltage: 48 V
■ Output power: 450 W typ.
■ Input power 10 W max.
■ Efficiency: 55 % - 76 %
■ IMD at 300 WPEP < -24 dBc
■ Load mismatch: 3:1 all phases
Description
The STEVAL-TDR005V1 is a RF broadband
power amplifier intended for linear or nonlinear
operation over the band 1.8 to 54 MHz using
2x SD2943 gold metallized N-channel MOS field-
effect transistors. The temperature compensating
biasing circuit supports class B and class AB
operation.
STEVAL-TDR005V1 is designed in cooperation
with Specific RF Devices (Germany).
Table 1.
Device summary
Order code
STEVAL-TDR005V1
www.st.com


Similar Part No. - STEVAL-TDR005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
16-Mar-2009
STEVAL-TDR003V1 STMICROELECTRONICS-STEVAL-TDR003V1 Datasheet
414Kb / 20P
2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
31-Mar-2010
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
23-Apr-2009
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
24-Mar-2009
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
02-Apr-2010
More results

Similar Description - STEVAL-TDR005V1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
STMicroelectronics
DB-54003-470 STMICROELECTRONICS-DB-54003-470 Datasheet
812Kb / 18P
RF POWER amplifier using 1 x PD54003 N-Channel enhancement-mode lateral MOSFETs
13-Jun-2006
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
19-Oct-2006
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
STMicroelectronics
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
02-Apr-2010
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
02-Apr-2010
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
27-Sep-2010
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
11-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com