Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR005V1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEVAL-TDR005V1
Description  RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR005V1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEVAL-TDR005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STEVAL-TDR005V1
SD2943 mounting recommendations
Doc ID 14845 Rev 2
9/11
Table 4.
DMOS packages - list of materials
Package
Type
Description Flange Leadframe
Ceramic
insulator
Plating
Torque (Nm)
Leads
Flange
Min
Max
M174
0.500 DIA
4L NON
HERM
W/FLANGE
Cu
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (100µ min) over
Ni (100µ min /
350µ max)
Ni(100µ min) + Pd
(10µ min)
0.6
0.75
M174
(Moly
disk)
0.500 DIA
4L NON
HERM
W/FLANGE
(MOLY
DISK)
Cu-Mo-
Cu
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (100µ min) over
Ni (100µ min /
350µ max)
Ni(100µ min) + Pd
(10µ min)
0.6
0.75
M177
0.550 DIA
4L NON
HERM
W/FLANGE
Cu-Mo-
Cu
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (60µ min) over
Ni (100µ min /
350µ max)
Au (100µ min)
over Ni (100µ min
/ 350µ max)
0.6
0.75
M244
2x
0.400x0.425
WIDE 2L
LAP N/H
FLANGE
W
(85%) -
Cu
(15%)
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (60µ min) over
Ni (100µ min /
350µ max)
Au (60µ min) over
Ni (100µ min /
350µ max)
0.6
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com