Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TDR005V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-TDR005V1
Description  RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR005V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR005V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STEVAL-TDR005V1
4/11
Doc ID 14845 Rev 2
2
Electrical characteristics
TA = +25
oC, V
DD = 48 V, IDQ = 2 x 900 mA
Table 3.
Electrical specification
Symbol
Test Conditions
Min
Typ
Max
Unit
Freq.
Frequency range
1.8
54
MHz
POUT
PIN = 10 W
350
450
W
Gain
PIN = 10 W
16.6
± 0.6 dB
dB
ND
PIN = 10 W
55 - 76
%
H2
2ND Harmonic @ POUT = 300 W
-24
/ -49
dBc
H3
3RD Harmonic @ POUT = 300 W
-15
/ -58
dBc
VSWR
Load mismatch all phases @ POUT = 300 W
3:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com