Electronic Components Datasheet Search
  English  ▼

X  

STA8088EXG Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 5Page - STMicroelectronics STA8088EXG Datasheet HTML 6Page - STMicroelectronics STA8088EXG Datasheet HTML 7Page - STMicroelectronics STA8088EXG Datasheet HTML 8Page - STMicroelectronics STA8088EXG Datasheet HTML 9Page - STMicroelectronics STA8088EXG Datasheet HTML 10Page - STMicroelectronics STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STA8088EXG
Pin description
Doc ID 022725 Rev. 2
9/24
2.3
Power supply pins
Table 3.
Power supply pins
Symbol
I/O
Functions
TFBGA169
VDD18_MVR
Pwr
Digital supply voltage for main voltage regulator (1.8 V)
D3, G8
VDD12_MVR
Pwr
Digital supply voltage for core circuitry (1.2 V). When using the
MVR, this pin shall not be driven by an external voltage supply, but
a capacitance shall be connected between these pins and GND to
guarantee on-chip voltage stability.
J7, D4, J9
VDD_LPVR
Pwr
Digital supply voltage for low power voltage regulator (1.62 V -
3.6 V)
J8
VDD12_LPVR
Pwr
Digital supply voltage for backup logic (1.2 V). When using the
LPVR, this pin shall not be driven by an external voltage supply,
but a capacitance shall be connected between these pins and
GND to guarantee on-chip voltage stability.
H5
VDD_IOR1
Pwr
Digital supply voltage for I/O ring 1 (1.8 V or 3.3 V)
G12
VDD_IOR2
Pwr
Digital supply voltage for I/O ring 2 (1.8 V or 3.3 V)
B1
VDD_IOR3
Pwr
Digital supply voltage for I/O ring 3 (1.8 V or 3.3 V)
B11
VDD_IOR4
Pwr
Digital supply voltage for I/O ring 4 (1.8 V or 3.3 V)
K10
VDD_IOR5
Pwr
Digital supply voltage for I/O ring 5 (3.3 V)
C4
VRF18_RFVR
Pwr
Analog supply voltage for RF voltage regulator (1.8 V)
M2
GND
GND
Digital supply ground for core (5 pins)
G5, G6, G7, H7,
H8
GND_IO
GND
Digital supply ground for I/O circuitry (4 pins)
A1, A13, H6,
N13
VRF12OUT_RFVR
Pwr
RF voltage regulator 1.2 V output
N2
VRF12_LNA
Pwr
Analog supply voltage for LNA (1.2 V)
J1
VRF12_RFA
Pwr
Analog supply voltage for RFA (1.2 V)
N3
VRF12_Mix
Pwr
Analog supply voltage for Mixer (1.2 V)
M5
VRF12_IF
Pwr
Analog supply voltage for IF (1.2 V)
N5
VRF12_RFDig
Pwr
Analog supply voltage for RF Digital (1.2 V)
L6
VRF12_RFVCO
Pwr
Analog supply voltage for VCO (1.2 V)
L5
VRF12_RFADC
Pwr
Analog supply voltage for RF ADC (1.2 V)
H1
GND_LNA
GND
Analog supply ground for LNA (3 pins)
K2, L1, L2
GND_RF
GND
Analog supply ground to RF (12 pins)
H3, J3, J4, K3,
K4, K5, K6, L3,
L4, M3, M4, N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com