Electronic Components Datasheet Search
  English  ▼

X  

STA8088EXG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 1 Page - STMicroelectronics

  STA8088EXG Datasheet HTML 1Page - STMicroelectronics STA8088EXG Datasheet HTML 2Page - STMicroelectronics STA8088EXG Datasheet HTML 3Page - STMicroelectronics STA8088EXG Datasheet HTML 4Page - STMicroelectronics STA8088EXG Datasheet HTML 5Page - STMicroelectronics STA8088EXG Datasheet HTML 6Page - STMicroelectronics STA8088EXG Datasheet HTML 7Page - STMicroelectronics STA8088EXG Datasheet HTML 8Page - STMicroelectronics STA8088EXG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
March 2012
Doc ID 022725 Rev. 2
1/24
1
STA8088EXG
Flexible GPS/Galileo/Glonass/QZSS receiver with
high performance processing (ARM9)
Data brief
− production data
Features
■ STMicroelectronics® 3rd generation
positioning receiver with 32 tracking channels
and 2 fast acquisition channels compatible
with GPS, Galileo, Glonass and QZSS systems
■ Embedded RF front-end with built-in LNA
■ -162dBm indoor sensitivity (tracking mode)
■ Fast TTFF < 1 s in hot start and 35 s in cold
start
■ Support of ST-AGPSTM Multimode Assisted
GPS (extended ephemeris solution)
■ High performance ARM946 MCU (up to
208 MHz)
■ 256 Kbyte embedded TCM/SRAM
■ FSMC external memory interface (NAND, NOR
and SRAM)
■ External SQI Flash interface
■ One 16-bit Extended Function Timer (EFT)
with input capture/ output compare and PWM.
■ Four 32-bit free running timers/ counters
■ Real Time Clock (RTC) circuit
■ 3 UARTs (one full for modem support)
■ 1 I
2C master/slave interface
■ 1 Synchronous Serial Port (SSP, Motorola-SPI
supported)
■ USB2.0 dual role full speed (12 MHz) with
integrated physical layer transceiver
■ 2 Secure-Digital Multimedia Memory Card
Interfaces (SDMMC)
■ 2 Controller Area Network (CAN)
■ 1 Multichannel Serial Port (MSP)
■ GPIO port for a total of up to 64 GPIOs
■ 8-channels ADC (10 bit)
■ Selectable 1.8 V or 3.3 V I/Os for specific I/O
ports
■ 3 embedded 1.8 V voltage regultators
■ Operating condition:
–VDD12: 1.2V ±10%
–VDD18/RF18: 1.8 V ±5 %
–VLPVR: 1.62 V to 3.6 V
–VddIO: 1.8 V -5 %/ +10 %; 3.3 V ±10 %
■ Package:
– TFBGA169 9 x 9 x 1.2 mm 0.65 pitch
– TFBGA169 12 x 12 x 1.2 mm 0.8 pitch
■ Ambient temperature range: -40/ +85 °C
Description
STA8088EXG is a single die standalone
positioning receiver IC working on multiple
constellations (GPS/Galileo/Glonass/QZSS).
By combining the ARM946 microcontroller core
with the large number of peripherals/ interfaces,
STA8088EXG provides a highly-flexible and cost
effective solution for hand-held and telematic
applications.
The device is the ideal solution for sensor-based
and sensor-less ST Dead Reckoning
technologies which enhance positioning accuracy
even in areas without GNSS signals, like tunnels
and indoor parking.
TFBGA169
www.st.com


Similar Part No. - STA8088EXG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088FG STMICROELECTRONICS-STA8088FG Datasheet
274Kb / 17P
Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
07-Mar-2012
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
Automotive Grade GPS/Galileo/Glonass/QZSS receiver
14-Mar-2012
STA8088TG STMICROELECTRONICS-STA8088TG Datasheet
251Kb / 16P
GPS/Galileo/Glonass/QZSS tracker
17-Feb-2012
More results

Similar Description - STA8088EXG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
Automotive Grade GPS/Galileo/Glonass/QZSS receiver
14-Mar-2012
STA8088TG STMICROELECTRONICS-STA8088TG Datasheet
251Kb / 16P
GPS/Galileo/Glonass/QZSS tracker
17-Feb-2012
STA8089G STMICROELECTRONICS-STA8089G Datasheet
497Kb / 31P
GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GA STMICROELECTRONICS-STA8089GA Datasheet
512Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GAT STMICROELECTRONICS-STA8089GAT Datasheet
658Kb / 33P
Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
04-Jun-2020
STA8089GR STMICROELECTRONICS-STA8089GR Datasheet
456Kb / 30P
GPS/GLONASS/BeiDou/QZSS receiver
22-Nov-2018
STA8090EXGA STMICROELECTRONICS-STA8090EXGA Datasheet
611Kb / 42P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
04-Jun-2020
STA8090GA STMICROELECTRONICS-STA8090GA Datasheet
749Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
14-Sep-2018
STA8090WG STMICROELECTRONICS-STA8090WG Datasheet
554Kb / 34P
Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
05-Jun-2020
STA8090WGR STMICROELECTRONICS-STA8090WGR Datasheet
696Kb / 32P
GPS/Glonass/BeiDou2/QZSS ROM receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com